PART |
Description |
Maker |
HA7210 HA7210IB HA7210IP HA7210Y FN3389 |
10kHz to 10MHz/ Low Power Crystal Oscillator 10kHz to 10MHz, Low Power Crystal Oscillator From old datasheet system
|
INTERSIL[Intersil Corporation]
|
CAT5112 CAT5112PI-00TE13 CAT5112PI-10TE13 CAT5112U |
50K 32-Tap digitally programmable potentiometer (DPP) 20K 32-Tap digitally programmable potentiometer (DPP) 10K 32-Tap digitally programmable potentiometer (DPP) 100K 32-Tap digitally programmable potentiometer (DPP) 32-Tap Digitally Programmable Potentiometer (DPP⑩) 32-Tap Digitally Programmable Potentiometer (DPP垄芒) 32-Tap Digitally Programmable Potentiometer (DPP?? 32-Tap Digitally Programmable Potentiometer (DPP?
|
CATALYST[Catalyst Semiconductor]
|
IRFM250 |
N-Channel Power MOSFET(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续)7.4A,的Rds(on):0.100Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续)7.4A时,RDS(对):0.100Ω))
|
Electronic Theatre Controls, Inc. SEME-LAB Seme LAB
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
PE-67300 PE-67200 PE-67100 PE-67050 |
Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz
|
Pulse A Technitrol Company
|
AP1506-XXK5L-13 AP1506-XXT5G-U AP1506-XXT5L-U AP15 |
150KHz, 3A PWM BUCK DC-DC CONVERTER 150KHz, 3A PWM BUCK DC/DC CONVERTER 6.5 A SWITCHING REGULATOR, 173 kHz SWITCHING FREQ-MAX, PSSO5 6.5 A SWITCHING REGULATOR, 173 kHz SWITCHING FREQ-MAX, SFM5 GREEN, TO-220, 5 PIN 150KHz, 3A PWM BUCK DC/DC CONVERTER 6.5 A SWITCHING REGULATOR, 173 kHz SWITCHING FREQ-MAX, SFM5
|
Diodes, Inc. Diodes Inc. Diodes Incorporated
|
ACE259650WMH ACE259612WMH ACE259633WMH ACE2596-12 |
150KHz 3A Buck DC-DC Converter
|
ACE Technology Co., LTD...
|
TS2596CM550RN |
3A / 150KHz Buck Dc-Dc Converter
|
Taiwan Semiconductor Co...
|
TS2596SCS33RL TS2596SCS50RL TS2596SCSRL TS2596S07 |
2A / 150KHz Buck Dc-Dc Converter
|
Taiwan Semiconductor Company, Ltd
|